PART |
Description |
Maker |
M95256RMW3G M95256RMW3P M95256RMW3TG M95256RMW3TP |
32K X 8 SPI BUS SERIAL EEPROM, PDSO8 256 Kbit serial SPI bus EEPROM with high-speed clock
|
STMicroelectronics
|
M9512807 M95128-DW3G_A M95128-DW3G_P M95128-DW3P_A |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 128 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics
|
M95160-FMN3G_G M95080-FMN3G_G M95160-FMN3G_S M9508 |
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics
|
M95160 M95160-BN3T M95160-BN5T M95160-BN6T M95160D |
8K X 8 SPI BUS SERIAL EEPROM, PDIP8 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics SGS Thomson Microelectronics
|
ULA1000 |
32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock Modulator (demodulator) koowy
|
Ultra CEMI
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
SLX25C020 25C01 |
2 Kbit (256 x 8 bit) Serial CMOS EEPROMs, Serial Peripheral Interface (SPI) Synchronous Bus From old datasheet system
|
Infineon
|
25A512 25A512ISN 25A512IST 25A512TISN 25A512TIST |
512 Kbit SPI Bus Serial EEPROM
|
Microchip Technology
|
25LC512T-1_P |
512 Kbit SPI Bus Serial EEPROM
|
Microchip Technology
|
PM25LV512 PM25LV010-25QC PM25LV010-25SC PM25LV010- |
512 Kbit, 3.0V serial flash memory with 25 MHz SPI bus interface 1 Mbit, 3.0V serial flash memory with 25 MHz SPI bus interface 512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
|
PMC-Sierra Inc N.A. PMC[PMC-Sierra, Inc]
|
M95320-MB3G_P M95320-MB3G_PC M95320-MB3P_P M95320- |
32 Kbit serial SPI bus EEPROMs with high-speed clock
|
STMicroelectronics
|
M95020 |
4/2/1 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
SGS Thomson Microelectronics
|